| Moteur de recherche de fiches techniques de composants électroniques |
|
R276-R277-R278-R279-0360 Fiches technique(PDF) 6 Page - GIACOMINI WATER E-MOTION |
|
|
|||||||||||||||||||||||||||||
R276-R277-R278-R279-0360 Fiches technique(HTML) 6 Page - GIACOMINI WATER E-MOTION |
|
6 / 7 page ![]() 6 Giacomini S.p.A. Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia consulenza.prodotti@giacomini.com +39 0322 923372 - giacomini.com PRODUCT CODE CONNECTION G C [mm] D [mm] L [mm] B [mm] A [mm] I [mm] H [mm] P [mm] Q [mm] R [mm] S [mm] T [mm] U [mm] R278Y004 G 3/4”M 56 71 127 32 33 46 111 92 166 118 108 186 157 R278Y005 G 1”M 59 73 132 34 37 54 125 96 180 118 112 200 157 R278 C L D R278 + K270Y101 / K270Y102 C L D R R278 + K272Y101 / K272Y102 C L D U R279 C L D C L D PRODUCT CODE CONNECTION G C [mm] D [mm] L [mm] B [mm] A [mm] H [mm] N [mm] O [mm] M [mm] P [mm] Q [mm] R [mm] S [mm] T [mm] U [mm] R279Y004 G 3/4”F 31 32 63 33 33 66 30 31 61 92 125 118 108 141 157 R279Y005 G 1”F 38 38 76 42 37 79 35 38 73 96 138 118 112 154 157 R279 + K270Y101 / K270Y102 C L D C L D R R279 + K272Y101 / K272Y102 C L D C L D U |