Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R276-R277-R278-R279-0360 Fiches technique(PDF) 4 Page - GIACOMINI WATER E-MOTION

No de pièce R276-R277-R278-R279-0360
Description  2- or 3-way ball zone valves
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIACOMINI [GIACOMINI WATER E-MOTION]
Site Internet  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R276-R277-R278-R279-0360 Fiches technique(HTML) 4 Page - GIACOMINI WATER E-MOTION

  R276-R277-R278-R279-0360 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Installation
WARNING. The connection to the system must be carried out by qualified personnel, respecting the flow direction indicated by the arrows imprinted on the
valve bodies.
Installation of R193K connection kit with R278 3-way zone valve
In the R278 three-way valves, the delivery and return bodies can be assembled directly (if mounted on coplanar manifold),
or through a by-pass conduit, using the Base 18 and the Ø 18 copper pipe connections.
SERIES
PRODUCT CODE
USE
INSTALLATION
R193K
R193Y011
Use in combination with:
R278 zone valve
+ R553D/R553F manifold
+ R588 metal brackets
+ R500 cabinet
Ø 18
Base 18
Ø 18
R193Y021
Use in combination with:
R278 zone valve
+ R553D/R553F manifold
+ R588Z metal brackets
+ R500-2 cabinet
WARNING. The valve may be installed in any position but the actuator should not be positioned upside down or with the power cable entering from the top (to
prevent problems deriving from condensation).
The valve must be installed in dry, protected and easily accessible places for any subsequent maintenance interventions.
Do not cover with insulating materials.



Html Pages

1 2 3 4 5 6 7