Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

R276-R277-R278-R279-0360 Fiches technique(PDF) 2 Page - GIACOMINI WATER E-MOTION

No de pièce R276-R277-R278-R279-0360
Description  2- or 3-way ball zone valves
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  GIACOMINI [GIACOMINI WATER E-MOTION]
Site Internet  https://www.giacomini.com/en
Logo GIACOMINI - GIACOMINI WATER E-MOTION

R276-R277-R278-R279-0360 Fiches technique(HTML) 2 Page - GIACOMINI WATER E-MOTION

  R276-R277-R278-R279-0360 Datasheet HTML 1Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 2Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 3Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 4Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 5Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 6Page - GIACOMINI WATER E-MOTION R276-R277-R278-R279-0360 Datasheet HTML 7Page - GIACOMINI WATER E-MOTION  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
2
Giacomini S.p.A.
Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia
 consulenza.prodotti@giacomini.com
 +39 0322 923372 - giacomini.com
Technical data
Performance
• Fluid: water for HVAC systems
• Max. working temperatura: 110 °C
• Max. working pressure:
- R276, R277 valves: 20 bar
- R278, R279 valves: 10 bar
Direct way loss of pressure
100
1000
10000
10
100
1000
Q [l/h]
R276
R277
3/4”
R278
R279
3/4”
R278
R279
1”
1” R276
R277
PRODUCT CODE
CONNECTIONS
Kv
R276Y004
G 3/4”F
18,5
R276Y005
G 1”F
36,3
R277Y004
G 3/4”M
18,5
R277Y025
G 1”M
36,3
R278Y004
G 3/4”M
9,3
R278Y005
G 1”M
16
R279Y004
G 3/4”F
9,3
R279Y005
G 1”F
16
By-pass loss of pressure (only for R278, R279 3-way zone valves)
LOCKSHIELD OPENING TURNS
Kv
1
0,35
2
0,70
3
1,23
4
1,95
5
2,60
6
3,00
7
3,07
F.O.
3,20
1000
100
10
Q [l/h]
100
1000
10
5 6
F.O.
7
1
2
3
4
 NOTE. The lockshield on the by-pass conduit must be adjusted using an 8 mm allen key, to reproduce a loss of pressure comparable to that of the system and
to avoid hydraulic failure in the distribution when the flow is deviated on the return to the boiler room.
Materials
• Body and main components: CW617N brass
• Gaskets: PTFE



Html Pages

1 2 3 4 5 6 7