| Moteur de recherche de fiches techniques de composants électroniques |
|
R276-R277-R278-R279-0360 Fiches technique(PDF) 5 Page - GIACOMINI WATER E-MOTION |
|
|
|||||||||||||||||||||||||||||
R276-R277-R278-R279-0360 Fiches technique(HTML) 5 Page - GIACOMINI WATER E-MOTION |
|
5 / 7 page ![]() 5 Giacomini S.p.A. Via per Alzo 39, 28017 San Maurizio d’Opaglio (NO) Italia consulenza.prodotti@giacomini.com +39 0322 923372 - giacomini.com Dimensions PRODUCT CODE CONNECTION G C [mm] D [mm] L [mm] B [mm] A [mm] H [mm] P [mm] Q [mm] R [mm] S [mm] T [mm] U [mm] R276Y004 G 3/4”F 31 32 63 18 33 51 92 110 118 108 126 157 R276Y005 G 1”F 38 38 76 23 37 60 96 119 118 112 135 157 R276 C L D R276 + K270Y101 / K270Y102 C L R D R276 + K272Y101 / K272Y102 C L D U PRODUCT CODE CONNECTION G C [mm] D [mm] L [mm] B [mm] A [mm] H [mm] P [mm] Q [mm] R [mm] S [mm] T [mm] U [mm] R277Y004 G 3/4”M 56 71 127 21 33 54 92 113 118 108 129 157 R277Y025 G 1”M 59 73 132 26 37 63 96 122 118 112 138 157 R277 C L D R277 + K270Y101 / K270Y102 C L D R R277 + K272Y101 / K272Y102 C L D U |