Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 188 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 188 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 184Page - NXP Semiconductors HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
188
Freescale Semiconductor
A.9
ADC Characteristics
Table A-10. ADC Characteristics
Characteristic
Conditions
Symb
Min
Typ1
Max
Unit
Comment
Supply Current
ADLPC = 1
ADLSMP = 1
ADCO = 1
VDDAD < 3.6 V (3.0 V Typ)
IDDAD
—
110
—
μA
Over
temperature
(Typ 25
°C)
VDDAD < 5.5 V (5.0 V Typ)
—
130
—
Supply Current
ADLPC = 1
ADLSMP = 0
ADCO = 1
VDDAD < 3.6 V (3.0 V Typ)
IDDAD
—
200
—
μA
VDDAD < 5.5 V (5.0 V Typ)
—
220
—
Supply Current
ADLPC = 0
ADLSMP = 1
ADCO = 1
VDDAD < 3.6 V (3.0 V Typ)
IDDAD
—
320
—
μA
VDDAD < 5.5 V (5.0 V Typ)
—
360
—
Supply Current
ADLPC = 0
ADLSMP = 0
ADCO = 1
VDDAD < 3.6V (3.0 V Typ)
IDDAD
—
580
—
μA
VDDAD < 5.5V (5.0 V Typ)
—
660
—
Supply Current
Stop, Reset, Module Off
IDDAD
—
<1
100
nA
Ref Voltage High
VREFH
2.7
VDDAD
VDDAD
V
Ref Voltage Low
VREFL
VSSAD
VSSAD
VSSAD
V
ADC Conversion
Clock
High Speed (ADLPC = 0)
fADCK
0.4
—
8.0
MHz
tADCK =
1/fADCK
Low Power (ADLPC = 1)
0.4
—
4.0
ADC Asynchronous
Clock Source
High Speed (ADLPC = 0)
fADACK
2.5
4
6.6
MHz
tADACK =
1/fADACK
Low Power (ADLPC = 1)
1.25
2
3.3
Conversion Time
Short Sample (ADLSMP = 0)
tADC
20
20
23
tADCK
cycles
Add 2 to 5
tBus =1/fBus
cycles
Long Sample (ADLSMP = 1)
40
40
43
Sample Time
Short Sample (ADLSMP = 0)
tADS
444
tADCK
cycles
Long Sample (ADLSMP = 1)
24
24
24
Input Voltage
VADIN
VREFL
—VREFH
V
Input Capacitance
CADIN
—
7
10
pF
Not Tested
Input Impedance
RADIN
—5
15
k
Ω
Not Tested
Analog Source
Impedance
RAS
——
10(2)
k
Ω
External to
MCU
Ideal Resolution
(1LSB)
10 bit mode
RES
2.637
4.883
5.371
mV
VREFH/2
N
8 bit mode
10.547
19.53
21.48
Total Unadjusted
Error
10 bit mode
ETUE
0
±1.5
±3.5
LSB
Includes
quantization
8 bit mode
0
±0.7
±1.0
Differential
Non-Linearity
10 bit mode
DNL
0
±0.5
±1.0
LSB
8 bit mode
0
±0.3
±0.5
Monotonicity and no-missing-codes guaranteed
Integral
Non-Linearity
10 bit mode
INL
0
±0.5
±1.0
LSB
8 bit mode
0
±0.3
±0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com