Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 189 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 189 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors HCS08 Datasheet HTML 193Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
189
A.10
Flash Specifications
This section provides details about program/erase times and program-erase endurance for the flash
memory.
Program and erase operations do not require any special power sources other than the normal VDD supply.
For more detailed information about program/erase operations, see the Memory section.
Zero-Scale Error
10 bit mode
EZS
0
±1.5
±3.1
LSB
VADIN = VSSA
8 bit mode
0
±0.5
±0.7
Full-Scale Error
10 bit mode
EFS
0
±1.0
±1.5
LSB
VADIN = VDDA
8 bit mode
0
±0.5
±0.5
Quantization Error
10 bit mode
EQ
——
±0.5
LSB
8 bit mode is
not truncated
1 Typical values assume V
DDAD = 5.0 V, Temp = 25°C, fADCK=1.0 MHz unless otherwise stated. Typical values are for reference
only and are not tested in production.
2 At 4 MHz, for maximum frequency, use proportionally lower source impedance.
Table A-11. Flash Characteristics
Characteristic
Symbol
Min
Typical
Max
Unit
Supply voltage for program/erase
–40
°C to 125°CV
prog/erase
2.7
5.5
V
Supply voltage for read operation
VRead
2.7
5.5
V
Internal FCLK frequency1
1
The frequency of this clock is controlled by a software setting.
fFCLK
150
200
kHz
Internal FCLK period (1/FCLK)
tFcyc
56.67
μs
Byte program time (random location)(2)
tprog
9tFcyc
Byte program time (burst mode)(2)
tBurst
4tFcyc
Page erase time2
2 These values are hardware state machine controlled. User code does not need to count cycles. This information supplied for
calculating approximate time to program and erase.
tPage
4000
tFcyc
Mass erase time(2)
tMass
20,000
tFcyc
Program/erase endurance3
TL to TH = –40°C to + 125°C
T = 25
°C
3 Typical endurance for flash was evaluated for this product family on the 9S12Dx64. For additional information on how
Freescale defines typical endurance, please refer to Engineering Bulletin EB619/D, Typical Endurance for Nonvolatile Memory.
10,000
—
100,000
—
—
cycles
Data retention4
4 Typical data retention values are based on intrinsic capability of the technology measured at high temperature and de-rated
to 25
°C using the Arrhenius equation. For additional information on how Freescale defines typical data retention, please refer
to Engineering Bulletin EB618/D, Typical Data Retention for Nonvolatile Memory.
tD_ret
15
100
—
years
Table A-10. ADC Characteristics (continued)
Characteristic
Conditions
Symb
Min
Typ1
Max
Unit
Comment



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com