Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 191 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 191 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors HCS08 Datasheet HTML 189Page - NXP Semiconductors HCS08 Datasheet HTML 190Page - NXP Semiconductors HCS08 Datasheet HTML 191Page - NXP Semiconductors HCS08 Datasheet HTML 192Page - NXP Semiconductors HCS08 Datasheet HTML 193Page - NXP Semiconductors HCS08 Datasheet HTML 194Page - NXP Semiconductors HCS08 Datasheet HTML 195Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 198 page
background image
MC9S08QD4 Series MCU Data Sheet, Rev. 6
Freescale Semiconductor
191
Appendix B
Ordering Information and Mechanical Drawings
B.1
Ordering Information
This section contains ordering numbers for the devices.
B.1.1
Device Numbering Scheme
•
Numbering Scheme for Consumer and Industrial Products
Figure 12-7. Numbering Scheme for Consumer and Industrial Products
•
Numbering Scheme for Automotive Products
Figure B-1. Numbering Scheme for Automotive Products
Table B-1. Device Numbering System
Device Number1
1 See Table 1-2 for a complete description of modules included on each device.
Memory
Available Packages
Qualification
Flash
RAM
Type
Type
MC9S08QD4
MC9S08QD2
4 KB
2 KB
256 B
128 B
8 PDIP
8 NB SOIC
Consumer and Industrial
S9S08QD4
S9S08QD2
4 KB
2 KB
256 B
128 B
8 NB SOIC
Automotive
MC
Temperature range
Family
Memory
Status
Core
(V = –40
°C to +105°C)
(9 = Flash-based)
9S08 QD
XX
(MC = Fully Qualified)
X
Package designator (see Table B-2)
4
Approximate memory size (in Kbytes)
(C = –40
°C to +85°C)
(M = –40
°C to +125°C)
S
Temperature range
Family
Memory
Status
Core
(V = –40
°C to +105°C)
(9 = Flash-based)
9S08 QD
XX
(S = Fully Qualified)
X
Package designator (see Table B-2)
4
Approximate memory size (in Kbytes)
(C = –40
°C to +85°C)
(M = –40
°C to +125°C)
XX
Fab and Maskset Indicator Suffix



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com