Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 184 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 184 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 180Page - NXP Semiconductors HCS08 Datasheet HTML 181Page - NXP Semiconductors HCS08 Datasheet HTML 182Page - NXP Semiconductors HCS08 Datasheet HTML 183Page - NXP Semiconductors HCS08 Datasheet HTML 184Page - NXP Semiconductors HCS08 Datasheet HTML 185Page - NXP Semiconductors HCS08 Datasheet HTML 186Page - NXP Semiconductors HCS08 Datasheet HTML 187Page - NXP Semiconductors HCS08 Datasheet HTML 188Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 184 / 198 page
background image
Appendix A Electrical Characteristics
MC9S08QD4 Series MCU Data Sheet, Rev. 6
184
Freescale Semiconductor
A.7
Internal Clock Source Characteristics
Table A-7. Internal Clock Source Specifications
Characteristic
Symbol
Min
Typ1
1 Data in Typical column was characterized at 3.0 V and 3.0 V, 25
°C or is typical recommended value.
Max
Unit
Average internal reference frequency - untrimmed
fint_ut
25
31.25
41.66
kHz
Average internal reference frequency - trimmed
fint_t
—
31.25
—
kHz
DCO output frequency range - untrimmed
fdco_ut
12.8
16
21.33
MHz
DCO output frequency range - trimmed
fdco_t
—16
—
MHz
Resolution of trimmed DCO output frequency at fixed voltage and
temperature (Consumer and Industrial MC9S08QDx)2
2 Characterized, but not tested.
Δf
dco_res_t
——
± 0.2
%fdco
Resolution of trimmed DCO output frequency at fixed voltage and
temperature (Automotive S9S08QDx)2
–40
°C to 0°C
0 to 125
°C
——
± 0.3
± 0.2
Total deviation of trimmed DCO output frequency over voltage and
temperature 2
Consumer and Industrial MC9S08QDx
Automotive S9S08QDx
Δf
dco_t
——
± 2
± 3
%fdco
FLL acquisition time 2,3
3 This specification applies to any time the FLL reference source or reference divider is changed, trim value changed or changing
from FLL disabled (FBELP, FBILP) to FLL enabled (FEI, FEE, FBE, FBI). If a crystal/resonator is being used as the reference,
this specification assumes it is already running.
tacquire
1ms
Long term Jitter of DCO output clock (averaged over 2 ms interval) 4
4 Jitter is the average deviation from the programmed frequency measured over the specified interval at maximum f
BUS.
Measurements are made with the device powered by filtered supplies and clocked by a stable external clock signal. Noise
injected into the FLL circuitry via VDD and VSS and variation in crystal oscillator frequency increase the CJitter percentage for
a given interval.
CJitter
——
0.6
%fdco



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com