Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 34 Page - NXP Semiconductors

No de pièce HCS08
Description  HCS08 Microcontrollers
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  NXP [NXP Semiconductors]
Site Internet  http://www.nxp.com
Logo NXP - NXP Semiconductors

HCS08 Fiches technique(HTML) 34 Page - NXP Semiconductors

Back Button HCS08 Datasheet HTML 30Page - NXP Semiconductors HCS08 Datasheet HTML 31Page - NXP Semiconductors HCS08 Datasheet HTML 32Page - NXP Semiconductors HCS08 Datasheet HTML 33Page - NXP Semiconductors HCS08 Datasheet HTML 34Page - NXP Semiconductors HCS08 Datasheet HTML 35Page - NXP Semiconductors HCS08 Datasheet HTML 36Page - NXP Semiconductors HCS08 Datasheet HTML 37Page - NXP Semiconductors HCS08 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 198 page
background image
Chapter 4 Memory Map and Register Definition
MC9S08QD4 Series MCU Data Sheet, Rev. 6
34
Freescale Semiconductor
High-page registers, shown in Table 4-3, are accessed much less often than other I/O and control registers
so they have been located outside the direct addressable memory space, starting at 0x1800.
0x0017
APCTL1
—
—
—
—
ADPC3
ADPC2
ADPC1
ADPC0
0x0018
Reserved
—
—
—
—
—
—
—
—
0x0019
Reserved
—
—
—
—
—
—
—
—
0x001A–
0x001F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x0020
TPM2SC
TOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
0x0021
TPM2CNTH
Bit 15
14
13
12
11
10
9
Bit 8
0x0022
TPM2CNTL
Bit 7
654321
Bit 0
0x0023
TPM2MODH
Bit 15
14
13
12
11
10
9
Bit 8
0x0024
TPM2MODL
Bit 7
654321
Bit 0
0x0025
TPM2C0SC
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
0
0
0x0026
TPM2C0VH
Bit 15
14
13
12
11
10
9
Bit 8
0x0027
TPM2C0VL
Bit 7
654321
Bit 0
0x0028–
0x0037
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
0x0038
ICSC1
0CLKS
0
0
0
1
1IREFSTEN
0x0039
ICSC2
BDIV
0
0LP
0
0
0
0x003A
ICSTRM
TRIM
0x003B
ICSSC
0
0
0
0
0CLKST
0FTRIM
0x003C
Reserved
—
—
—
—
—
—
—
—
0x0040
TPMSC
TOF
TOIE
CPWMS
CLKSB
CLKSA
PS2
PS1
PS0
0x0041
TPMCNTH
Bit 15
14
13
12
11
10
9
Bit 8
0x0042
TPMCNTL
Bit 7
654321
Bit 0
0x0043
TPMMODH
Bit 15
14
13
12
11
10
9
Bit 8
0x0044
TPMMODL
Bit 7
654321
Bit 0
0x0045
TPMC0SC
CH0F
CH0IE
MS0B
MS0A
ELS0B
ELS0A
0
0
0x0046
TPMC0VH
Bit 15
14
13
12
11
10
9
Bit 8
0x0047
TPMC0VL
Bit 7
654321
Bit 0
0x0048
TPMC1SC
CH1F
CH1IE
MS1B
MS1A
ELS1B
ELS1A
0
0
0x0049
TPMC1VH
Bit 15
14
13
12
11
10
9
Bit 8
0x004A
TPMC1VL
Bit 7
654321
Bit 0
0x004B–
0x005F
Reserved
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
—
Table 4-2. Direct-Page Register Summary (continued)
Address
Register Name
Bit 7
654321
Bit 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More