Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4 Fiches technique(PDF) 70 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4 Fiches technique(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4 Datasheet HTML 66Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 67Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 68Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 69Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 70Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 71Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 72Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 73Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
INSTRUCTION SET
MC68HC05PL4
12-2
REV 2.0
12.1.3 Direct
Direct instructions can access any of the rst 256 memory addresses with two
bytes. The rst b yte is the opcode, and the second is the low byte of the operand
address. In direct addressing, the CPU automatically uses $00 as the high byte of
the operand address. BRSET and BRCLR are three-byte instructions that use
direct addressing to access the operand and relative addressing to specify a
branch destination.
12.1.4 Extended
Extended instructions use only three bytes to access any address in memory. The
rst b yte is the opcode; the second and third bytes are the high and low bytes of
the operand address.
When using the Freescale assembler, the programmer does not need to specify
whether an instruction is direct or extended. The assembler automatically selects
the shortest form of the instruction.
12.1.5 Indexed, No Offset
Indexed instructions with no offset are one-byte instructions that can access data
with variable addresses within the rst 256 memor y locations. The index register
contains the low byte of the conditional address of the operand. The CPU
automatically uses $00 as the high byte, so these instructions can address
locations $0000–$00FF.
Indexed, no offset instructions are often used to move a pointer through a table or
to hold the address of a frequently used RAM or I/O location.
12.1.6 Indexed, 8-Bit Offset
Indexed, 8-bit offset instructions are two-byte instructions that can access data
with variable addresses within the rst 511 memor y locations. The CPU adds the
unsigned byte in the index register to the unsigned byte following the opcode. The
sum is the conditional address of the operand. These instructions can access
locations $0000–$01FE.
Indexed 8-bit offset instructions are useful for selecting the kth element in an
n-element table. The table can begin anywhere within the rst 256 memory
locations and could extend as far as location 510 ($01FE). The k value is typically
in the index register, and the address of the beginning of the table is in the byte
following the opcode.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com