Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4 Fiches technique(PDF) 23 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4 Fiches technique(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
CENTRAL PROCESSING UNIT
REV 2.0
3-3
Normally, the address in the program counter increments to the next sequential
memory location every time an instruction or operand is fetched. Jump, branch,
and interrupt operations load the program counter with an address other than that
of the next sequential location.
3.6
CONDITION CODE REGISTER (CCR)
The CCR shown in Figure 3-1 is a 5-bit register in which four bits are used to
indicate the results of the instruction just executed. The fth bit is the interrupt
mask. These bits can be individually tested by a program, and speci c actions can
be taken as a result of their states. The condition code register should be thought
of as having three additional upper bits that are always ones. Only the interrupt
mask is affected by a reset of the device. The following paragraphs explain the
functions of the lower v e bits of the condition code register.
3.6.1 Half Carry Bit (H-Bit)
When the half-carry bit is set, it means that a carry occurred between bits 3 and 4
of the accumulator during the last ADD or ADC (add with carry) operation. The
half-carry bit is required for binary-coded decimal (BCD) arithmetic operations.
3.6.2 Interrupt Mask (I-Bit)
When the interrupt mask is set, the internal and external interrupts are disabled.
Interrupts are enabled when the interrupt mask is cleared. When an interrupt
occurs, the interrupt mask is automatically set after the CPU registers are saved
on the stack, but before the interrupt vector is fetched. If an interrupt request
occurs while the interrupt mask is set, the interrupt request is latched. Normally,
the interrupt is processed as soon as the interrupt mask is cleared.
A return from interrupt (RTI) instruction pulls the CPU registers from the stack,
restoring the interrupt mask to its state before the interrupt was encountered. After
any reset, the interrupt mask is set and can only be cleared by the Clear I-Bit
(CLI), or WAIT instructions.
3.6.3 Negative Bit (N-Bit)
The negative bit is set when the result of the last arithmetic operation, logical
operation, or data manipulation was negative. (Bit 7 of the result was a logical
one.)
The negative bit can also be used to check an often tested ag b y assigning the
ag to bit 7 of a register or memor y location. Loading the accumulator with the
contents of that register or location then sets or clears the negative bit according
to the state of the ag.
3.6.4 Zero Bit (Z-Bit)
The zero bit is set when the result of the last arithmetic operation, logical
operation, data manipulation, or data load operation was zero.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com