Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4 Fiches technique(PDF) 43 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4 Fiches technique(HTML) 43 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 47Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
OPERATING MODES
REV 2.0
6-3
Figure 6-1. STOP/WAIT Flowchart
1. Fetch Reset Vector
or
2. Service Interrupt
a. Stack
b. Set I-Bit
c. Vector to Interrupt Routine
WAIT
External
RESET?
Y
N
IRQ
External
Interrupt?
Y
N
Stop External Oscillator,
Stop Internal Timer Clock,
Reset Start-up Delay
Restart External Oscillator,
start Stabilization Delay
Stop Internal Processor Clock,
Clear I-Bit in CCR,
and set IRQEN in MICSR
End
of Stabilization
Delay?
Y
N
IRQ
External
Interrupt?
Y
N
External Oscillator Active
and
Internal Timer Clock Active
Restart
Internal Processor Clock
8-bit
Timer
Interrupt?
Y
N
External
RESET?
Y
N
STOP
Stop Internal Processor Clock,
Clear I-Bit in CCR,
and set IRQEN in MICSR
16-bit
Timer
Interrupt?
Y
N
Keyboard
Interrupt?
Y
N
Keyboard
Interrupt?
Y
N
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com