Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC705PL4 Fiches technique(PDF) 29 Page - Freescale Semiconductor, Inc

No de pièce 68HC705PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC705PL4 Fiches technique(HTML) 29 Page - Freescale Semiconductor, Inc

Back Button 68HC705PL4 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 26Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 27Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 28Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 29Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 30Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 31Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 32Page - Freescale Semiconductor, Inc 68HC705PL4 Datasheet HTML 33Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
INTERRUPTS
REV 2.0
4-5
Figure 4-3. External Interrupt Logic
4.4.2 Miscellaneous Control and Status Register
IRQEN — External Interrupt Request Enable
This read/write bit enables external interrupts. Reset clears the IRQEN bit.
0 = External interrupt processing disabled. LED/IRQ pin return to
normal LED function
1 = External interrupt processing enabled. LED/IRQ pin set to IRQ
function
IRQS— External Interrupt Sensitivity
This bit makes the external interrupt inputs level-triggered as well as edge-trig-
gered.
0 = IRQ negative edge-triggered and low level-triggered.
1 = IRQ negative edge-triggered only.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
MICSR R
IRQEN
IRQS
TCMPEN TCAPEN
LED
COPON
POR
$001C W
RESET
00000000
Figure 4-4. Miscellaneous Control and Status Register (MICSR)
Edge and Level Sensitive
IRQS
VDD
LED/IRQ
Power On Reset
PH2
BIH,BIL instruction
External Reset
External Interrupt
Being Serviced
(Read of Vectors)
IRQEN
LED
Q
D
R
Q
D
INTERRUPT
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com