Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05PL4 Fiches technique(PDF) 53 Page - Freescale Semiconductor, Inc

No de pièce 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Fiches technique(HTML) 53 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 56Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 57Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
16-BIT PROGRAMMABLE TIMER
REV 2.0
9-3
The timer registers (TMRH, TMRL) shown in Figure 9-3 are read-only locations
which contain the current high and low bytes of the 16-bit free-running counter.
Writing to the timer registers has no effect. Reset of the device presets the timer
counter to $FFFC.
The TMRL latch is a transparent read of the LSB until the a read of the TMRH
takes place. A read of the TMRH latches the LSB into the TMRL location until the
TMRL is again read. The latched value remains x ed even if multiple reads of the
TMRH take place before the next read of the TMRL. Therefore, when reading the
MSB of the timer at TMRH the LSB of the timer at TMRL must also be read to
complete the read sequence.
During power-on-reset (POR), the counter is initialized to $FFFC and begins
counting after the oscillator start-up delay. Because the counter is sixteen bits and
preceded by a xed divide-by-four prescaler, the value in the counter repeats
every 262, 144 internal bus clock cycles (524, 288 oscillator cycles).
When the free-running counter rolls over from $FFFF to $0000, the timer over o w
ag bit (T OF) is set in the TSR. When the TOF is set, it can generate an interrupt if
the timer over o w interrupt enable bit (TOIE) is also set in the TCR. The TOF ag
bit can only be reset by reading the TMRL after reading the TSR.
Other than clearing any possible TOF ags , reading the TMRH and TMRL in any
order or any number of times does not have any effect on the 16-bit free-running
counter.
NOTE
To prevent interrupts from occurring between readings of the TMRH and TMRL,
set the I bit in the condition code register (CCR) before reading TMRH and clear
the I bit after reading TMRL.
BIT 7
BIT 6
BIT 5
BIT 4
BIT 3
BIT 2
BIT 1
BIT 0
TMRH
R TMRH7 TMRH6 TMRH5 TMRH4 TMRH3 TMRH2 TMRH1 TMRH0
$0018
W
reset:
11111111
TMRL
R TMRL7
TMRL6
TMRL5
TMRL4
TMRL3
TMRL2
TMRL1
TMRL0
$0019
W
reset:
11111100
Figure 9-3. Programmable Timer Registers (TMRH, TMRL)
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com