Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05PL4 Fiches technique(PDF) 47 Page - Freescale Semiconductor, Inc

No de pièce 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Fiches technique(HTML) 47 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 46Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 47Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 51Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
INPUT/OUTPUT PORTS
REV 2.0
7-3
7.3
PORT B
Port B is an 8-bit bidirectional port, with pins PB0-PB3 shared with keyboard inter-
rupt functions. The Port B Data Register is at address $0001 and the Data Direc-
tion Register is at address $0006.
Pins PB0 to PB3 keyboard interrupt functions have individual enable and ag bits
in registers $000B and $000C.
7.4
PORT C
Port C is an 8-bit bidirectional port. The Port C Data Register is at address $0002
and the Data Direction Register is at address $0007. Port pins PC0 to PC3 are
high current sink pins; see Electrical Speci cations section f or values.
7.5
SUMMARY OF PORT A AND PORT B SHARED PINS
Table 7-2
below shows a summary of port pins shared with other on-chip mod-
ules.
Table 7-2. Port A and Port B Shared Pins
Port
Port Pin
Control
Pin Name
Shared Functions
Port A
PA0
—
PA0 or OSC2
PA0 on MC68HC05PL4
OSC2 on MC68HC05PL4B
PA1
DACEN
PA1/DTMF
DAC DTMF Output
PA2
TCAPEN
PA2/TCAP
16-bit Timer Input Capture
PA3
TCMPEN
PA3/TCMP
16-bit Timer Output Compare
Port B
PB3-PB0
KBIE3-KBIE0
PUL3-PUL0
PB3/KBI3-PB0/KBI0
Keyboard Interrupt
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com