Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05PL4 Fiches technique(PDF) 42 Page - Freescale Semiconductor, Inc

No de pièce 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Fiches technique(HTML) 42 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 41Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 42Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 43Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 44Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 45Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 46Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 98 page
background image
GENERAL RELEASE SPECIFICATION
April 30, 1998
OPERATING MODES
MC68HC05PL4
6-2
REV 2.0
6.2
LOW POWER MODES
In each of its con gur ation modes the MC68HC05PL4 is capable of running in one
of two low-power operating modes. The WAIT and STOP instructions provide two
modes that reduce the power required for the MCU by stopping various internal
clocks and/or the oscillator. The o w of the STOP, and WAIT modes are shown in
Figure 6-1
.
6.2.1 STOP Mode
Execution of the STOP instruction places the MCU in its lowest power
consumption mode.
The MCU can exit from the STOP by an IRQ or Keyboard interrupt (KBIx), or an
externally generated RESET. When exiting the STOP mode the internal oscillator
will resume after 4064 internal processor clock cycles oscillator stabilization delay.
6.2.2 WAIT Mode
The WAIT instruction places the MCU in a low-power mode, which consumes
more power than the STOP Mode.
The WAIT mode may be exited by an external IRQ, a keyboard interrupt, 16-bit
timer interrupt, 8-bit timer interrupt, or by an external RESET.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com