Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

68HC05PL4 Fiches technique(PDF) 37 Page - Freescale Semiconductor, Inc

No de pièce 68HC05PL4
Description  Industry standard 8-bit M68HC05 CPU core
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FREESCALE [Freescale Semiconductor, Inc]
Site Internet  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05PL4 Fiches technique(HTML) 37 Page - Freescale Semiconductor, Inc

Back Button 68HC05PL4 Datasheet HTML 33Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 34Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 35Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 36Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 37Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 38Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 39Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 40Page - Freescale Semiconductor, Inc 68HC05PL4 Datasheet HTML 41Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 98 page
background image
April 30, 1998
GENERAL RELEASE SPECIFICATION
MC68HC05PL4
RESETS
REV 2.0
5-5
5.4
RESET STATES OF SUBSYSTEM IN MCU
The following paragraphs describe how a reset initializes various sub-systems.
5.4.1 CPU
A reset has the following effects on the CPU:
•
Loads the stack pointer with $FF.
•
Sets the I bit in the condition code register, inhibiting interrupts.
•
Loads the program counter with the user de ned reset vector from
locations $1FFE and $1FFF.
•
Clears the stop latch, enabling the CPU clock.
•
Clears the wait latch, bringing the CPU out of the wait mode.
5.4.2 I/O Registers
A reset has the following effects on I/O registers:
•
Clears bits in data direction registers con gur ing pins as inputs:
– DDRA6–DDRA0 in DDRA for port A.
– DDRB7–DDRB0 in DDRB for port B.
– DDRC7–DDRC0 in DDRC for port C.
•
Has no effect on port A, B, C data registers.
5.4.3 8-Bit Timer
A reset has the following effects on the 8-Bit Timer:
•
Timer 8 system disabled (T8EN bit cleared)
•
Timer 8 interrupt request disabled
•
Timer 8 Pre-scalar preset to divide the internal bus clock by ratio 16
•
Timer 8 Counter register preset to $FF
Therefore disables the timer 8 interrupt and preset the counter for POR cycle
delay.
5.4.4 16-Bit Programmable Timer
A reset has the following effects on the 16-bit programmable Timer:
•
Initializes the timer counter registers (TMRH, TMRL) to a value of
$FFFC.
•
Initializes the alternate timer counter registers (ACRH, ACRL) to a value
of $FFFC.
•
Clears all the interrupt enables and the output level bit (OLVL) in the
timer control register (TCR).
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com