| Moteur de recherche de fiches techniques de composants électroniques |
|
FS310 Fiches technique(PDF) 31 Page - TT Electronics. |
|
|
|||||||||||||||||||||||||||||
FS310 Fiches technique(HTML) 31 Page - TT Electronics. |
|
31 / 40 page ![]() General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. TT Electronics | OPTEK Technology 2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200 www.ttelectronics.com | sensors@ttelectronics.com Rev C, 4/27/2023 Page 31 © TT electronics plc FlexSense® I-Series Programmable Incremental Encoder FS210/FS310 Datasheet Comparator/Buffer Enable Register (CBFEZ: [0x088B]) Table 34. CBFEZ register definition. MSB Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 LSB RSVD ZCEZ QICEZ RSVD Table 35. CBFEZ field description. Bits Description QICEZ Quad-track interpolated comparator enable bit: 0: Enable quad-track comparators required to produce interpolated outputs (power-on default) 1: Disable quad-track comparators required to produce interpolated outputs ZCEZ Index-track comparator enable bit: 0: Enable index-track comparator (power-on default) 1: Disable index-track comparator RSVD Reserved; do not modify from power-on default value (0) Miscellaneous Control Register (MISC: [0x088D]) Table 36. MISC register definition. MSB Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 LSB RSVD PMOUT RSVD Table 37. MISC field description. Bits Description PMOUT Preventive-maintenance output control bits: 00: Disable preventive-maintenance outputs (power-on default) 11: Enable preventive-maintenance outputs 01, 10: Prohibited RSVD Reserved; do not modify from power-on default value (<7:6> = 00; <3:0> = 0001) |