Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FS310 Fiches technique(PDF) 15 Page - TT Electronics.

No de pièce FS310
Description  FlexSense® I-Series Programmable Incremental Encoder
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TTELEC [TT Electronics.]
Site Internet  http://www.ttelectronics.com/
Logo TTELEC - TT Electronics.

FS310 Fiches technique(HTML) 15 Page - TT Electronics.

Back Button FS310 Datasheet HTML 11Page - TT Electronics. FS310 Datasheet HTML 12Page - TT Electronics. FS310 Datasheet HTML 13Page - TT Electronics. FS310 Datasheet HTML 14Page - TT Electronics. FS310 Datasheet HTML 15Page - TT Electronics. FS310 Datasheet HTML 16Page - TT Electronics. FS310 Datasheet HTML 17Page - TT Electronics. FS310 Datasheet HTML 18Page - TT Electronics. FS310 Datasheet HTML 19Page - TT Electronics. Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 40 page
background image
General Note
TT Electronics reserves the right to make changes in product specification without
notice or liability. All information is subject to TT Electronics’ own data and is
considered accurate at time of going to print.
TT Electronics | OPTEK Technology
2900 E. Plano Parkway, St 200, Plano, TX 75074, USA | Ph: +1 972 323 2200
www.ttelectronics.com | sensors@ttelectronics.com
Rev C, 4/27/2023
Page 15
© TT electronics plc
FlexSense® I-Series Programmable
Incremental Encoder
FS210/FS310 Datasheet
Details of quadrature-track output-pin operation are controlled by the QCFG register as shown below:
Quad-Track Configuration Register (QCFG: [0x0884]):
Table 10. QCFG register definition.
MSB
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
LSB
SE_DZ
NBWL
D_AZ
INTP
Table 11. QCFG field description.
Bits
Definition
INTP
Digital interpolation or divide-down factor:
0000: No Interpolation
0001: 2x multiply
0010: 4x multiply
0011: 8x multiply
0100: Reserved
0101: x2 divide
0110: x4 divide
0111: x8 divide
1000: x16 divide
1001: x32 divide
1010: x64 divide
1011: x128 divide
1100: x256 divide
1101: x512 divide
1110: x1,024 divide
1111: x2,048 divide
D_AZ
Analog/digital control for quadrature-track outputs
0:
Analog outputs
1:
Digital outputs
NBWL
Reserved: Do not change from power-up default (00)
SE_DZ
Single-ended / differential digital output control. (no effect if D_AZ bit is 0)
0:
Differential (AOUT_P_DIG, BOUT_P_DIG, AOUT_N_DIG, BOUT_N_DIG all driven when D_AZ = 1)
1:
Single-ended (AOUT_P_DIG and BOUT_P_DIG driven; AOUT_N_DIG and BOUT_N_DIG not driven
when D_AZ = 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40