Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AS3953B Fiches technique(PDF) 21 Page - ams-OSRAM AG

No de pièce AS3953B
Description  14443 High Speed Passive Tag Interface
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AMSOSRAM [ams-OSRAM AG]
Site Internet  https://ams-osram.com/
Logo AMSOSRAM - ams-OSRAM AG

AS3953B Fiches technique(HTML) 21 Page - ams-OSRAM AG

Back Button AS3953B Datasheet HTML 17Page - ams-OSRAM AG AS3953B Datasheet HTML 18Page - ams-OSRAM AG AS3953B Datasheet HTML 19Page - ams-OSRAM AG AS3953B Datasheet HTML 20Page - ams-OSRAM AG AS3953B Datasheet HTML 21Page - ams-OSRAM AG AS3953B Datasheet HTML 22Page - ams-OSRAM AG AS3953B Datasheet HTML 23Page - ams-OSRAM AG AS3953B Datasheet HTML 24Page - ams-OSRAM AG AS3953B Datasheet HTML 25Page - ams-OSRAM AG Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 65 page
background image
Page 20
ams Datasheet
Document Feedback
[v1-04] 2016-Jan-07
AS3953B − Detailed Description
Prologue Field for Proprietary Commands
Figure below defines the coding of Prologue field for
Proprietary commands.
Figure 25:
Prologue Field (proprietary commands)
The following proprietary commands are implemented:
• Wake-Up: Sends a wake-up interrupt to controller
• Read EEPROM: Reads data from EEPROM
• Write EEPROM: Writes data to EEPROM
Wake-Up Command
Information field of Wake-Up command consists of one byte
only (see figure below). The AS3953B echoes back the same
information field.
Figure 26:
Wake-Up Command
Figure below defines the coding of the AS3953B reply INF to
Wake-Up command.
Figure 27:
Wake-Up Reply
Bit
Value
Function
b8
0
01 indicates proprietary command
b7
1
b6
0
Shall be set to this value, other
values are ‘RFU’
b5
1
b4
CID following if bit is set to ‘1’
b3
1
Shall be set to this value, other
values are ‘RFU’
b2
0
b1
1
01h
1byte
01h
1byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65