| Moteur de recherche de fiches techniques de composants électroniques |
|
AS3953B Fiches technique(PDF) 38 Page - ams-OSRAM AG |
|
|
|||||||||||||||||||||||||||||
AS3953B Fiches technique(HTML) 38 Page - ams-OSRAM AG |
|
38 / 65 page ![]() ams Datasheet Page 37 [v1-04] 2016-Jan-07 Document Feedback AS3953B − Application Information Direct Command Mode Direct Command Mode has no arguments, so a single byte is sent. SPI operation mode bits 11 indicate Direct Command Mode. The following six bits define command code, sent MSB to the LSB. The command is executed on falling edge of last clock. Figure 47: Sending a Direct Command 1 1 C5 C4 C3 C2 C1 C0 X X SCLK rising edge Data is transfered from µC SCLK falling edge Data is sampled /SS rising edge signals start of command execution Two leading ONE indicate COMMAND Mode /SS SCLK MOSI |