Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP384 Fiches technique(PDF) 49 Page - Bosch Sensortec GmbH

No de pièce BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Fiches technique(HTML) 49 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 45Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 46Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 47Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 48Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 49Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 50Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 51Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 52Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 53Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
49 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
7.3.
Marking
7.3.1. Mass production samples
Table 51: Marking of mass production samples top side
Labeling
Name
Symbol
Remark
Lot Counter ID
XXX
3 alphanumeric digits, variable
to generate mass production trace code
Orientation
marker
Pin1 Marking
Port Hole
Partial MEMS element and wirebonds
(covered with gel) visible through the port
hole
Table 52: Marking of mass production samples rear side
Labeling
Name
Symbol
Remark
Product number
P
alphanumeric digit to identify product type,
“P” is associated with the product BMP384
(part number 0 273 017 015)
Sub-con ID
P
1 alphanumeric digit,
variable to identify sub-con
P
P
X
X
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58