Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP384 Fiches technique(PDF) 16 Page - Bosch Sensortec GmbH

No de pièce BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Fiches technique(HTML) 16 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 20Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
16 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
3.5.
Filter selection
In order to select optimal settings, the following use cases are suggested:
Table 10: Recommended filter settings based on use cases
Use case
Mode
Over-
sampling
setting
osrs_p
osrs_t
IIR filter
coeff.
(see
4.3.20)
IDD [µA]
(see 3.8)
ODR [Hz]
(see 3.4.1)
RMS Noise
[cm]
(see 3.4.4)
handheld
device low-
power
(e.g.
Android)
Normal
High
resolution
x8
×1
2
145
12.5
11
handheld
device
dynamic
(e.g.
Android)
Normal
Standard
resolution
×4
×1
4
310
50
10
Weather
monitoring
(lowest
power),
Forced
Ultra low
power
×1
×1
Off
4
1/60
55
Drop
detection
Normal
Low power
×2
×1
Off
358
100
36
Indoor
navigation
Normal
Ultra high
resolution
×16
×2
4
560
25
5
Drone
Normal
Standard
Resolution
x8
x1
2
570
50
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58