Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BMP384 Fiches technique(PDF) 9 Page - Bosch Sensortec GmbH

No de pièce BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  BOSCH [Bosch Sensortec GmbH]
Site Internet  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Fiches technique(HTML) 9 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 9Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 13Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
9 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
A set of oversampling settings is available ranging from ultra-low power to highest resolution setting in order to adapt the
sensor to the target application. The settings are predefined combinations of pressure measurement oversampling and
temperature measurement oversampling. Pressure and temperature measurement oversampling can be selected
independently from 0 to 32 times oversampling (see sections 3.4.1 and 3.4.2):
•
Temperature measurement
•
Ultra low power
•
Low power
•
Standard resolution
•
High resolution
•
Ultra high resolution
•
Highest resolution
BMP384 is equipped with a built-in IIR filter in order to minimize short-term disturbances in the output data caused by the
slamming of a door or window. The filter coefficient ranges from 0 (off) to 127.
3.1. Block diagram
Figure 1 shows a simplified block diagram of the BMP384:
Figure 1: Block Diagram BMP384



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58