| Moteur de recherche de fiches techniques de composants électroniques |
|
BMP384 Fiches technique(PDF) 29 Page - Bosch Sensortec GmbH |
|
|
|||||||||||||||||||||||||||||
BMP384 Fiches technique(HTML) 29 Page - Bosch Sensortec GmbH |
|
29 / 58 page ![]() Bosch Sensortec | BMP384 Datasheet 29 | 58 Modifications reserved |Data subject not change without notice | Printed in Germany Document number: BST-BMP384-DS003-11 Revision_1.0_112020 Table 24: BMP384 memory map read/write read only write only reserved read/write read only write only reserved Registe r Addres s Registe r Name Default Value 7 6 5 4 3 2 1 0 0x7E CMD 0x00 cmd 0x7D - - reserved ... - - reserved 0x20 - - reserved 0x1F CONFI G 0x00 reserved iir_filter reserve d 0x1E - - reserved 0x1D ODR 0x00 reserved odr_sel 0x1C OSR 0x02 reserved osr_t osr_p 0x1B PWR_C TRL 0x00 reserved mode reserved temp_e n press_e n 0x1A IF_CON F 0x00 reserved i2c_wdt _sel i2c_wdt _en spi3 0x19 INT_CT RL 0x02 reserve d drdy_en reserve d ffull_en fwtm_en int_latch int_level int_od 0x18 FIFO_C ONFIG_ 2 0x02 reserved data_select fifo_subsampling 0x17 FIFO_C ONFIG_ 1 0x02 reserved fifo_tem p_en fifo_pre ss_en fifo_time _en fifo_stop _on_full fifo_mo de 0x16 FIFO_W TM_1 0x00 reserved fifo_wat er_mark _8 0x15 FIFO_W TM_0 0x01 fifo_water_mark_7_0 0x14 FIFO_D ATA 0x00 fifo_data 0x13 FIFO_L ENGTH _1 0x00 reserved fifo_byte _counte r_8 0x12 FIFO_L ENGTH _0 0x00 fifo_byte_counter_7_0 0x11 INT_ST ATUS 0x00 reserved drdy reserve d ffull_int fwm_int 0x10 EVENT 0x01 reserved por_det ected 0x0F SENSO RTIME_ 3 0x00 sensor_time_31_24 0x0E SENSO RTIME_ 2 0x00 sensor_time_23_16 |