Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-RADAR-MMIC Fiches technique(PDF) 20 Page - Analog Devices

No de pièce EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Fiches technique(HTML) 20 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 16Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 17Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 18Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 19Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 20Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 21Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 22Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 23Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 20 of 28
IN
IN
IN
IN
IN
IN
IN
IN
IN
IN
IO
IO
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
OUT
QTE-040-01-L-D-A-SD
QTE-040-01-L-D-A-SD
P1
P1
GPIO3
RX3_BBOB
RX1_BBO
SPI_MOSI
AGND
TMR_B
AVDD
SCL_B
SDA_B
SPI_MISO
SPI_CLK
SPI_SEL_B
VIO_B
AGND
MCLK
GPIO0
GPIO1
GPIO2
GPIO4
GPIO5
GPIO6
GPIO7
AVDD
RX2_BBO
RX2_BBOB
ATEST_TX
VTUNE
ATEST_RX
RX4_BBO
RX1_BBOB
RX4_BBOB
RX3_BBO
87
85
83
81
79
77
75
73
71
69
67
65
63
61
59
57
55
53
51
49
47
45
43
41
39
37
35
33
31
29
27
25
23
21
19
17
15
13
11
9
7
5
3
1
88
86
84
82
80
78
76
74
72
70
68
66
64
62
60
58
56
54
52
50
48
46
44
42
40
38
36
34
32
30
28
26
24
22
20
18
16
14
12
10
8
6
4
2
AGND
AGND
Figure 22. Evaluation Board Schematic (Page 13)
GEN_LFCSP32-5X5-PAD3_1X3_1B
U1
RX2_BBO
RX2_RFIN
RX34_AHI
LO_AHI
RX12_AHI
RX4_BBOB
RX3_RFIN
RX34_AHI
RX4_RFIN
RX12_AHI
RX1_RFIN
24
23
22
21
20
19
18
17
8
7
6
5
4
3
2
1
AGND
AGND
AGND
OUT
AGND
IN
IN
OUT
IN
IN
IO
IO
IO
Figure 23. Evaluation Board Schematic (Page 14)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28