Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-RADAR-MMIC Fiches technique(PDF) 8 Page - Analog Devices

No de pièce EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Fiches technique(HTML) 8 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 4Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 5Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 6Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 7Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 8Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 9Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 10Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 11Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 8 of 28
ADF5901 CONTROLS
The ADF5901 Controls tab controls the ADF5901 device
settings (see Figure 4).
Use the RF Settings pane to control the output frequency. Type
the desired output frequency, in MHz, in the VCO Frequency
field.
To the right of the RF Settings pane, general options are
available for the registers of the ADF5901, including calibration
control and register readback.
When the device initially powers up, click Initialize ADF5901 to
perform the initialization sequence as described in the ADF5901
data sheet.
Following the initialization sequence, the device powers up and
all the ADF5901 blocks calibrate.
Figure 4. ADF5901 Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28