Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-RADAR-MMIC Fiches technique(PDF) 7 Page - Analog Devices

No de pièce EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Fiches technique(HTML) 7 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 3Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 4Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 5Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 6Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 7Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 8Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 9Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 10Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
EV-RADAR-MMIC2 User Guide
UG-866
Rev. B | Page 7 of 28
ADF5904 CONTROLS
The ADF5904 Controls tab controls the ADF5904 device
settings (see Figure 3).
General options are available for the ADF5904 in this section,
including power-up and power-down controls and register
readback.
When the device initially powers up, click the Initialize button
to perform the initialization sequence as described in the
ADF5904 data sheet.
Figure 3. ADF5904 Controls



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28