Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

EV-RADAR-MMIC Fiches technique(PDF) 6 Page - Analog Devices

No de pièce EV-RADAR-MMIC
Description  Evaluation Board for the ADF5901, ADF5904, and ADF4159 Chipset for a 24 GHz FMCW Radar
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  AD [Analog Devices]
Site Internet  http://www.analog.com
Logo AD - Analog Devices

EV-RADAR-MMIC Fiches technique(HTML) 6 Page - Analog Devices

Back Button EV-RADAR-MMIC Datasheet HTML 2Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 3Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 4Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 5Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 6Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 7Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 8Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 9Page - Analog Devices EV-RADAR-MMIC Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
UG-866
EV-RADAR-MMIC2 User Guide
Rev. B | Page 6 of 28
EVALUATION BOARD SOFTWARE
The control software for the EV-RADAR-MMIC2 accompanies
the EV-RADAR-MMIC2 on a CD. For the software installation
procedure, see the UG-476 user guide, PLL Software Installation
Guide.
To run the software, click the EV-RADAR-MMIC2 file on the
desktop or in the Start menu.
On the Select Device and Connection tab, select EV-RADAR-
MMIC2 (ADF5901, ADF5904, ADF4159) and click Connect.
Confirm that SDP connected displays at the bottom left of the
window on the status bar (see Figure 2). Otherwise, the software
has no connection to the evaluation board.
Note that, when connecting the evaluation board, it takes about
5 sec to 10 sec for the status label to change.
Figure 2. Select Device and Connection Tab



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28