| Moteur de recherche de fiches techniques de composants électroniques |
|
TMP93CS32F Fiches technique(PDF) 30 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TMP93CS32F Fiches technique(HTML) 30 Page - Toshiba Semiconductor |
|
30 / 180 page ![]() TMP93CS32 2004-02-10 93CS32-28 Setting to reset/interrupt vector 1. Reset vector The vector base addresses are depended on the products. Type No. Vector Base Address PC Setting Sequence after Reset Notes TMP93CS32 TMP93PW32 FFFF00H PC<7:0> ← Address FFFF00H PC<15:8> ← Address FFFF01H PC<23:16> ← Address FFFF02H P27 to P20/A23 to A16 pins input ports with pull-up due to reset. The logic data is “FFH”. When Port 2 is used as A23 to A16 pins to access the program ROM, set PC <23:16> to “FFH” and the reset vector to “FF0000H to FFFFFFH” (for mainly products without ROM). 2. Interrupt vector (Except reset vector) PC<7:0> PC<15:8> PC<23:16> FFFF00H XX FFFF01H FFFF02H FFFF03H PC<7:0> PC<15:8> PC<23:16> +0 XX +1 +2 +3 Address refer to vector XX: Don’t care |