Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS32F Fiches technique(PDF) 2 Page - Toshiba Semiconductor

No de pièce TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Fiches technique(HTML) 2 Page - Toshiba Semiconductor

  TMP93CS32F Datasheet HTML 1Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 2Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 3Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 4Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 5Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 6Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 7Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 8Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 9Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 180 page
background image
Preface
Thank you very much for making use of Toshiba microcomputer LSIs.
Before use this LSI, refer the section, “Points of Note and Restrictions”.
Especially, take care below cautions.
**CAUTION**
How to release the HALT mode
Usually, interrupts can release all halts status. However, the interrupts
= (NMI ,
INT0), which can release the HALT mode may not be able to do so if they are
input during the period CPU is shifting to the HALT mode (for about 3 clocks of
fFPH) with IDLE1 or STOP mode (IDLE2/RUN are not applicable to this case). (In
this case, an interrupt request is kept on hold internally.)
If another interrupt is generated after it has shifted to HALT mode completely,
halt status can be released without difficulty. The priority of this interrupt is
compare with that of the interrupt kept on hold internally, and the interrupt with
higher priority is handled first followed by the other interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More