Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS32F Fiches technique(PDF) 47 Page - Toshiba Semiconductor

No de pièce TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Fiches technique(HTML) 47 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 43Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 44Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 45Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 46Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 47Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 48Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 49Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 50Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 51Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-45
3.5.2
Port 1 (P10 to P17)
Port 1 is an 8-bit general-purpose I/O port. I/O can be set on a bit basis using control
register P1CR and function register P1FC. Resetting sets all bits of output latch P1, control
register P1CR, and function register P1FC to 0 and sets Port 1 to input mode.
Figure 3.5.3 shows the registers for Port 1.
In addition to functioning as a general-purpose I/O port, Port 1 also shares functions as
an address data bus (AD8 to AD15) or an address bus (A8 to A15).
Figure 3.5.2 Port 1
Direction control
(on bit basis)
Reset
P1CR write
Output
latch
P1 write
S
B
Selector
A
P1 read
Output buffer
Port 1
P10 to P17
(AD8 to AD15/A8 to A15)
Function control
(on bit basis)
P1FC write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More