Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS32F Fiches technique(PDF) 144 Page - Toshiba Semiconductor

No de pièce TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Fiches technique(HTML) 144 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 140Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 141Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 142Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 143Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 144Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 145Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 146Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 147Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 148Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 144 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-142
3.11 Watchdog Timer (Runaway Detecting Timer), Warm-up Timer
TMP93CS32 contains a watchdog timer of Runaway detecting.
The watchdog timer (WDT) is used to return the CPU to the normal state when it detects that
the CPU has started to malfunction (runaway) due to causes such as noise. When the watchdog
timer detects a malfunction, it generates a non-maskable interrupt INTWD to notify the CPU of
the malfunction.
Connecting the watchdog timer output to the reset pin internally forces a reset.
This watchdog timer consists of 7-stage and 15-stage binary counters.
These binary counters are also used as a warm-up timer for the internal oscillator
stabilization. This is used for releasing the STOP.
3.11.1
Configuration
Figure 3.11.1 shows the block diagram of the watchdog timer (WDT).
Figure 3.11.1 Block Diagram of Watchdog Timer/Warm-up Timer
÷2
÷2
÷16
÷8
÷4
÷2
X1
fc/16
fc/8
fc/4
fc/2
fc
SYSCR1<GEAR2:0>
CPU
7-stage
binary
counter
15-stage binary counter
Selector
Selector
WDMOD<WARM>
T45CR<QCU>
Interrupt
control
WDMOD
<WDTP1:0>
Q S
R
Reset
HALT instruction
(STOP, IDLE1 mode)
Reset
Reset
WDMOD<WDTE>
Write disable code
to WDCR
(B1H)
Write clear code
to WDCR
(4EH)
Enable
WDTI interrupt
WDMOD<RESCR>
RESET
Internal reset
2
7
2
9
2
11 213 215



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More