Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TMP93CS32F Fiches technique(PDF) 108 Page - Toshiba Semiconductor

No de pièce TMP93CS32F
Description  CMOS 16-Bit Microcontroller
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOSHIBA [Toshiba Semiconductor]
Site Internet  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMP93CS32F Fiches technique(HTML) 108 Page - Toshiba Semiconductor

Back Button TMP93CS32F Datasheet HTML 104Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 105Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 106Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 107Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 108Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 109Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 110Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 111Page - Toshiba Semiconductor TMP93CS32F Datasheet HTML 112Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 180 page
background image
TMP93CS32
2004-02-10
93CS32-106
4. Time difference measurement
This mode is used to measure the difference in time between the rising edges of
external pulses input through TI4 and TI5.
Keep the 16-bit timer/event counter (Timer 4) counting (free-running) with the
internal clock, and load the UC4 value into CAP1 at the rising edge of the input pulse
to TI4. Then the interrupt INT4 is generated.
Similarly, the UC4 value is loaded into CAP2 at the rising edge of the input pulse to
TI5, generating the interrupt INT5.
The time difference between these pulses can be obtained from the difference
between the time counts at which loading the up counter value into CAP1 and CAP2
was performed. (
= (CAP2 − CAP1) × the internal clock cycle)
Figure 3.8.17 Time Difference Measurement
C1
C2
TI4 pin input
Loading UC4 into CAP2
Count clock
(Internal clock)
INT4
INT5
Time difference
Loading UC4 into CAP1
TI5 pin input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More