| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSD3422 Fiches technique(PDF) 45 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Fiches technique(HTML) 45 Page - STMicroelectronics |
|
45 / 293 page ![]() uPSD34xx uPSD34xx instruction set summary 45/293 Table 9. Boolean variable manipulation instruction set Note: 1 All mnemonics copyrighted ©Intel Corporation 1980. Table 10. Program branching instruction set Mnemonic(1) and Use Description Length/Cycles CLR C Clear carry 1 byte/1 cycle CLR bit Clear direct bit 2 byte/1 cycle SETB C Set carry 1 byte/1 cycle SETB bit Set direct bit 2 byte/1 cycle CPL C Compliment carry 1 byte/1 cycle CPL bit Compliment direct bit 2 byte/1 cycle ANL C, bit AND direct bit to carry 2 byte/2 cycle ANL C, /bit AND compliment of direct bit to carry 2 byte/2 cycle ORL C, bit OR direct bit to carry 2 byte/2 cycle ORL C, /bit OR compliment of direct bit to carry 2 byte/2 cycle MOV C, bit Move direct bit to carry 2 byte/1 cycle MOV bit, C Move carry to direct bit 2 byte/2 cycle JC rel Jump if carry is set 2 byte/2 cycle JNC rel Jump if carry is not set 2 byte/2 cycle JB rel Jump if direct bit is set 3 byte/2 cycle JNB rel Jump if direct bit is not set 3 byte/2 cycle JBC bit, rel Jump if direct bit is set and clear bit 3 byte/2 cycle Mnemonic(1) and Use Description Length/Cycles Program Branching Instructions ACALL addr11 Absolute subroutine call 2 byte/2 cycle LCALL addr16 Long subroutine call 3 byte/2 cycle RET Return from subroutine 1 byte/2 cycle RETI Return from interrupt 1 byte/2 cycle AJMP addr11 Absolute jump 2 byte/2 cycle LJMP addr16 Long jump 3 byte/2 cycle SJMP rel Short jump (relative addr) 2 byte/2 cycle JMP @A+DPTR Jump indirect relative to the DPTR 1 byte/2 cycle JZ rel Jump if ACC is zero 2 byte/2 cycle JNZ rel Jump if ACC is not zero 2 byte/2 cycle CJNE A, direct, rel Compare direct byte to ACC, jump if not equal 3 byte/2 cycle CJNE A, #data, rel Compare immediate to ACC, jump if not equal 3 byte/2 cycle CJNE Rn, #data, rel Compare immediate to register, jump if not equal 3 byte/2 cycle |