| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSD3422 Fiches technique(PDF) 27 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Fiches technique(HTML) 27 Page - STMicroelectronics |
|
27 / 293 page ![]() uPSD34xx MCU module description 27/293 6 MCU module description This following sections provide a detailed description of the MCU Module system functions and peripherals, including: ● 8032 MCU Registers ● Special Function Registers ● 8032 Addressing Modes ● uPSD34xx Instruction Set Summary ● Dual Data Pointers ● Debug Unit ● Interrupt System ● MCU Clock Generation ● Power Saving Modes ● Oscillator and External Components ● I/O Ports ● MCU Bus Interface ● Supervisory Functions ● Standard 8032 Timer/Counters ● Serial UART Interfaces ● IrDA Interface ● I2C Interface ● SPI Interface ● Analog to Digital Converter ● Programmable Counter Array (PCA) ● USB Interface |