| Moteur de recherche de fiches techniques de composants électroniques |
|
UPSD3422 Fiches technique(PDF) 43 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
UPSD3422 Fiches technique(HTML) 43 Page - STMicroelectronics |
|
43 / 293 page ![]() uPSD34xx uPSD34xx instruction set summary 43/293 Note: 1 All mnemonics copyrighted ©Intel Corporation 1980. Table 7. Logical instruction set Note: 1 All mnemonics copyrighted ©Intel Corporation 1980. INC DPTR Increment Data Pointer 1 byte/2 cycle MUL AB Multiply ACC and B 1 byte/4 cycle DIV AB Divide ACC by B 1 byte/4 cycle DA A Decimal adjust ACC 1 byte/1 cycle Mnemonic(1) and Use Description Length/Cycles Mnemonic(1) and Use Description Length/Cycles Logical Instructions ANL A, Rn AND register to ACC 1 byte/1 cycle ANL A, direct AND direct byte to ACC 2 byte/1 cycle ANL A, @Ri AND indirect SRAM to ACC 1 byte/1 cycle ANL A, #data AND immediate data to ACC 2 byte/1 cycle ANL direct, A AND ACC to direct byte 2 byte/1 cycle ANL direct, #data AND immediate data to direct byte 3 byte/2 cycle ORL A, Rn OR register to ACC 1 byte/1 cycle ORL A, direct OR direct byte to ACC 2 byte/1 cycle ORL A, @Ri OR indirect SRAM to ACC 1 byte/1 cycle ORL A, #data OR immediate data to ACC 2 byte/1 cycle ORL direct, A OR ACC to direct byte 2 byte/1 cycle ORL direct, #data OR immediate data to direct byte 3 byte/2 cycle SWAP A Swap nibbles within the ACC 1 byte/1 cycle XRL A, Rn Exclusive-OR register to ACC 1 byte/1 cycle XRL A, direct Exclusive-OR direct byte to ACC 2 byte/1 cycle XRL A, @Ri Exclusive-OR indirect SRAM to ACC 1 byte/1 cycle XRL A, #data Exclusive-OR immediate data to ACC 2 byte/1 cycle XRL direct, A Exclusive-OR ACC to direct byte 2 byte/1 cycle XRL direct, #data Exclusive-OR immediate data to direct byte 3 byte/2 cycle CLR A Clear ACC 1 byte/1 cycle CPL A Compliment ACC 1 byte/1 cycle RL A Rotate ACC left 1 byte/1 cycle RLC A Rotate ACC left through the carry 1 byte/1 cycle RR A Rotate ACC right 1 byte/1 cycle RRC A Rotate ACC right through the carry 1 byte/1 cycle |