Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

UPSD3422 Fiches technique(PDF) 98 Page - STMicroelectronics

No de pièce UPSD3422
Description  Turbo Plus Series Fast Turbo 8032 MCU with USB and Programmable Logic
PDF  293 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UPSD3422 Fiches technique(HTML) 98 Page - STMicroelectronics

Back Button UPSD3422 Datasheet HTML 94Page - STMicroelectronics UPSD3422 Datasheet HTML 95Page - STMicroelectronics UPSD3422 Datasheet HTML 96Page - STMicroelectronics UPSD3422 Datasheet HTML 97Page - STMicroelectronics UPSD3422 Datasheet HTML 98Page - STMicroelectronics UPSD3422 Datasheet HTML 99Page - STMicroelectronics UPSD3422 Datasheet HTML 100Page - STMicroelectronics UPSD3422 Datasheet HTML 101Page - STMicroelectronics UPSD3422 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 293 page
background image
Standard 8032 timer/counters
uPSD34xx
98/293
Figure 30.
Timer 2 in baud rate generator mode
AI09605
fOSC
Reload
TR2
T2 pin
Control
Note: Oscillator frequency is divided by 2,
not 12 like in other timer modes.
Note: Availability of additional external interrupt.
TL2
(8 bits)
TH2
(8 bits)
C/T2 = 0
C/T2 = 1
÷ 12
÷ 2
÷ 16
÷ 16
EXF2
Control
EXEN2
RCAP2L RCAP2H
T2X pin
Timer 2 Interrupt
TX CLK
RX CLK
Timer 1 Overflow
SMOD
RCLK
'1'
'0'
'1'
'0'
'1'
'0'
TCLK
Transition
Detector



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More