Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562IG Fiches technique(PDF) 42 Page - STMicroelectronics

No de pièce STM32H562IG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG Fiches technique(HTML) 42 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 38Page - STMicroelectronics STM32H562IG Datasheet HTML 39Page - STMicroelectronics STM32H562IG Datasheet HTML 40Page - STMicroelectronics STM32H562IG Datasheet HTML 41Page - STMicroelectronics STM32H562IG Datasheet HTML 42Page - STMicroelectronics STM32H562IG Datasheet HTML 43Page - STMicroelectronics STM32H562IG Datasheet HTML 44Page - STMicroelectronics STM32H562IG Datasheet HTML 45Page - STMicroelectronics STM32H562IG Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
42/270
DS14258 Rev 5
3.24.1
Analog temperature sensor
This sensor generates a voltage (VSENSE) that varies linearly with temperature. It is
internally connected to an ADC input channel used to convert the output voltage into a
digital value.
The sensor provides good linearity but it must be calibrated to obtain a good accuracy of the
temperature measurement. As the offset depends upon process variation, the uncalibrated
internal temperature sensor is suitable for applications that detect only temperature
changes.
To improve the measurement accuracy, each device is individually factory-calibrated by ST.
The calibration data are stored in the system memory area, accessible in read-only mode.
3.24.2
Internal voltage reference (VREFINT)
The internal voltage reference (VREFINT) provides a stable (bandgap) voltage output for the
ADC. The VREFINT is internally connected to ADC input channel.
The precise voltage of VREFINT is individually measured for each part during manufacturing,
and stored in the system memory area. It is accessible in read-only mode.
3.24.3
VBAT battery voltage monitoring
This embedded hardware enables the application to measure the VBAT battery voltage using
ADC or input channel. As the VBAT voltage may be higher than the VDDA, and thus outside
the ADC input range, the VBAT pin is internally connected to a bridge divider by four. As a
consequence, the converted digital value is a quarter of the VBAT voltage.
3.25
Digital temperature sensor (DTS)
The devices embeds a sensor that converts the temperature into a square wave, whose
frequency is proportional to the temperature. The PCLK or the LSE clock can be used as
reference clock for the measurements. Use the formula given in the product reference
manual to calculate the temperature according to the measured frequency stored in the
DTS_DR register.
3.26
Digital to analog converter (DAC)
The DAC module is a 12-bit voltage output digital-to-analog converter. The DAC can be
configured in 8- or 12-bit mode, and can be used in conjunction with the DMA controller. In
12-bit mode, the data can be left- or right-aligned.
The DAC features two output channels, each with its own converter. In dual DAC channel
mode, conversions can be done independently or simultaneously when both channels are
grouped together for synchronous update operations. An input reference pin, VREF+
(shared with others analog peripherals), is available for better resolution. An internal
reference can also be set on the same input.
The DAC_OUTx pin can be used as general purpose input/output (GPIO) when the DAC
output is disconnected from output pad and connected to on chip peripheral. The DAC
output buffer can be optionally enabled to allow a high drive output current. An individual



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com