Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562IG Fiches technique(PDF) 76 Page - STMicroelectronics

No de pièce STM32H562IG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG Fiches technique(HTML) 76 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 72Page - STMicroelectronics STM32H562IG Datasheet HTML 73Page - STMicroelectronics STM32H562IG Datasheet HTML 74Page - STMicroelectronics STM32H562IG Datasheet HTML 75Page - STMicroelectronics STM32H562IG Datasheet HTML 76Page - STMicroelectronics STM32H562IG Datasheet HTML 77Page - STMicroelectronics STM32H562IG Datasheet HTML 78Page - STMicroelectronics STM32H562IG Datasheet HTML 79Page - STMicroelectronics STM32H562IG Datasheet HTML 80Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 270 page
background image
Table 14. STM32H562xx and STM32H563xx pin/ball definition
Pin number(1)(2)
Pin name
(function
after
reset)(3)(4)
Alternate functions
Additional functions
-
1
1
C3
1
D4
-
1
1
A1
1
A2
-
PE2
I/O
FT_h
-
TRACECLK, LPTIM1_IN2,
SAI1_CK1, SPI4_SCK,
SAI1_MCLK_A, USART10_RX,
UART8_TX, OCTOSPI1_IO2,
ETH_MII_TXD3, FMC_A23,
DCMI_D3/PSSI_D3, EVENTOUT
-
-
2
2
D4
2
B2
-
2
2
B2
2
A1
-
PE3
I/O
FT_h
-
TRACED0, TIM15_BKIN,
SAI1_SD_B, USART10_TX,
FMC_A19, EVENTOUT
TAMP_IN6/TAMP_OUT3
-
3
3
D3
3
C3
-
3
3
D4
3
B1
-
PE4
I/O
FT_h
-
TRACED1, SAI1_D2,
TIM15_CH1N, SPI4_NSS,
SAI1_FS_A, FMC_A20,
DCMI_D4/PSSI_D4, EVENTOUT
TAMP_IN7/TAMP_OUT8
-
4
4
C2
4
D3
-
4
4
C2
4
B2
-
PE5
I/O
FT_h
-
TRACED2, SAI1_CK2,
TIM15_CH1, SPI4_MISO,
SAI1_SCK_A, FMC_A21,
DCMI_D6/PSSI_D6, EVENTOUT
TAMP_IN8/TAMP_OUT7
-
5
5
D2
5
C2
-
5
5
D3
5
B3
-
PE6
I/O
FT_h
-
TRACED3, TIM1_BKIN2,
SAI1_D1, TIM15_CH2,
SPI4_MOSI, SAI1_SD_A,
SAI2_MCLK_B, FMC_A22,
DCMI_D7/PSSI_D7, EVENTOUT
TAMP_IN3/TAMP_OUT6
A1
-
-
-
---
--
---
-
VDD
S
-
-
-
-
B8
-
-
-
---
--
---
-
VSS
S
-
-
-
-
B10
6
6
C1
6
B1
1
6
6
E2
6
C1
1
VBAT
S
-
-
-
-
D2
-
-
-
---
--
---
-
VSS
S
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com