Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562IG Fiches technique(PDF) 28 Page - STMicroelectronics

No de pièce STM32H562IG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG Fiches technique(HTML) 28 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 24Page - STMicroelectronics STM32H562IG Datasheet HTML 25Page - STMicroelectronics STM32H562IG Datasheet HTML 26Page - STMicroelectronics STM32H562IG Datasheet HTML 27Page - STMicroelectronics STM32H562IG Datasheet HTML 28Page - STMicroelectronics STM32H562IG Datasheet HTML 29Page - STMicroelectronics STM32H562IG Datasheet HTML 30Page - STMicroelectronics STM32H562IG Datasheet HTML 31Page - STMicroelectronics STM32H562IG Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
28/270
DS14258 Rev 5
3.10.1
Power supply schemes
The devices require a 1.71 to 3.6 V VDD operating voltage supply. Several independent
supplies can be provided for specific peripherals:
•
VDD = 1.71 V to 3.6 V
VDD is the external power supply for the I/Os, the internal regulator and the system
analog such as reset, power management and internal clocks. It is provided externally
through the VDD pins.
•
VDDA = 1.62 V (ADCs), 1.8 V (DACs), or 2.1 V (VREFBUF) to 3.6 V
VDDA is the external analog power supply for ADCs, DACs and voltage reference
buffer. This voltage level is independent from VDD, and must preferably be connected to
VDD when these peripherals are not used.
•
VDDSMPS = 1.71 V to 3.6 V
VDDSMPS is the external power supply for the SMPS step down converter. It is provided
externally through VDDSMPS supply pin and must be connected to the same supply
than VDD.
•
VLXSMPS is the switched SMPS step down converter output. The SMPS power supply
pins are available only on packages with SMPS step down converter option.
•
VDDUSB = 3.0 V to 3.6 V
VDDUSB is the external independent power supply for USB transceivers. It is
independent from VDD, and must preferably be connected to VDD when the USB is not
used.
•
VDDIO2 = 1.08 V to 3.6 V
VDDIO2 is the external power supply for 10 I/Os (PD6, PD7, PG9:14, PB8, PB9). This
voltage level is independent from VDD, voltage and must preferably be connected to
VDD when those pins are not used.
•
VBAT = 1.2 V to 3.6 V
VBAT is the power supply for RTC, external clock 32 kHz oscillator and backup registers
(through power switch) when VDD is not present.
•
VREF-, VREF+
VREF+ is the input reference voltage for ADCs and DACs. It is also the output of the
internal voltage reference buffer when enabled.
VREF+ can be grounded when ADC and DAC are not active.
VREF- and VREF+ pins are not available on all packages. When not available, they are
bonded to VSSA and VDDA, respectively.
When the VREF+ is double-bonded with VDDA in a package, the internal voltage
reference buffer is not available and must be kept disabled.
VREF- must always be equal to VSSA.
Depending upon the package, the devices embed an LDO and/or an SMPS regulator, to
provide the VCORE supply for digital peripherals, SRAM1, SRAM2, SRAM3, and embedded
flash memory. The SMPS generates this voltage on VCAP (two pins), with a total external
capacitor of 10 μF (typical). The SMPS requires an external coil. The LDO generates this
voltage on VCAP pin connected to an external capacitor of 2x 2.2 μF (typical).
Both regulators can provide four different voltages (voltage scaling), and can operate in Stop
modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com