Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STM32H562IG Fiches technique(PDF) 38 Page - STMicroelectronics

No de pièce STM32H562IG
Description  Arm® Cortex®-M33 32-bit MCU TrustZone® FPU, 375 DMIPS, 250 MHz, 2-Mbyte flash, 640-Kbyte RAM, math accelerators
PDF  270 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32H562IG Fiches technique(HTML) 38 Page - STMicroelectronics

Back Button STM32H562IG Datasheet HTML 34Page - STMicroelectronics STM32H562IG Datasheet HTML 35Page - STMicroelectronics STM32H562IG Datasheet HTML 36Page - STMicroelectronics STM32H562IG Datasheet HTML 37Page - STMicroelectronics STM32H562IG Datasheet HTML 38Page - STMicroelectronics STM32H562IG Datasheet HTML 39Page - STMicroelectronics STM32H562IG Datasheet HTML 40Page - STMicroelectronics STM32H562IG Datasheet HTML 41Page - STMicroelectronics STM32H562IG Datasheet HTML 42Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 270 page
background image
Functional overview
STM32H562xx and STM32H563xx
38/270
DS14258 Rev 5
3.18
Cyclic redundancy check calculation unit (CRC)
The CRC is used to get a CRC code using a configurable generator with polynomial value
and size.
Among other applications, the CRC-based techniques are used to verify data transmission
or storage integrity. In the scope of the EN/IEC 60335-1 standard, they offer a mean to verify
the flash memory integrity.
The CRC calculation unit helps to compute a signature of the software during runtime, which
can be ulteriorly compared with a reference signature generated at link-time and that can be
stored at a given memory location.
3.19
CORDIC coprocessor (CORDIC)
The CORDIC coprocessor provides hardware acceleration of certain mathematical
functions, notably trigonometric, commonly used in motor control, metering, signal
processing and many other applications. It speeds up the calculation of these functions
compared to a software implementation, allowing a lower operating frequency, or freeing up
processor cycles in order to perform other tasks.
The CORDIC main features are:
•
24-bit CORDIC rotation engine
•
Circular and hyperbolic modes
•
Rotation and vectoring modes
•
Functions: sine, cosine, sinh, cosh, atan, atan2, atanh, modulus, square root, natural
logarithm
•
Programmable precision
•
Low-latency AHB slave interface
•
Results can be read as soon as ready without polling or interrupt
•
DMA read and write channels
•
Multiple register read/write by DMA
3.20
Filter math accelerator (FMAC)
The FMAC performs arithmetic operations on vectors. It comprises a multiplier/accumulator
(MAC) unit, together with address generation logic that allows it to index vector elements
held in local memory.
The unit includes support for circular buffers on input and output, which allows digital filters
to be implemented. Both finite and infinite impulse response filters can be done.
The unit allows frequent or lengthy filtering operations to be offloaded from the CPU, freeing
up the processor for other tasks. In many cases it can accelerate such calculations
compared to a software implementation, resulting in a speed-up of time critical tasks.
The FMAC main features are:
•
16 x 16-bit multiplier
•
24 + 2-bit accumulator with addition and subtraction
•
16-bit input and output data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com