| Moteur de recherche de fiches techniques de composants électroniques |
|
MB96F348CSAPMC-GE2 Fiches technique(PDF) 21 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 Fiches technique(HTML) 21 Page - fujitsu semiconductor |
|
21 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 21 42 85 87 34 P01_2 H General purpose I/O AD10 External bus interface (non- multiplexed mode) data line External bus interface (multiplexed mode) address/ data line SIN3 USART 3 serial data input INT11_R Relocated external interrupt request input for INT11 TTG18_R Relocated PPG18 trigger 43 86 88 35 P01_3 H General purpose I/O AD11 External bus interface (non- multiplexed mode) data line External bus interface (multiplexed mode) address/ data line SOT3 USART 3 serial data output TTG19_R Relocated PPG19 trigger 44 87 89 36 P01_4 H General purpose IO AD12 External bus interface (non- multiplexed mode) data line External bus interface (multiplexed mode) address/ data line SCK3 USART 3 clock I/O PPG16_R Relocated Pulse Programable output PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 |