| Moteur de recherche de fiches techniques de composants électroniques |
|
MB96F348CSAPMC-GE2 Fiches technique(PDF) 58 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 Fiches technique(HTML) 58 Page - fujitsu semiconductor |
|
58 / 159 page ![]() MB96300 Series Preliminary Specification 58 FME/EMDC- 2007-02-12 MB96300_shortspec.fm Block Diagram of MB96V300 16FX CPU DMA Controller Interrupt Controller Emulation Memory Interface Boot ROM Peripheral Bus Bridge Clock & Mode Controller Debug Support Unit Interface Peripheral Bus Bridge 16FX Core Bus (CLKB) USART 10 ch. I2C 2 ch. 10-bit ADC 40 ch. Alarm Comparator 2 ch. 16-bit Reload Timer 6 ch. I/O Timer 0 ICU 0/1/2/3 OCU 0/1/2/3 I/O Timer 1 ICU 4/5/6/7 OCU 4/5/6/7 I/O Timer 2 ICU 8/9 I/O Timer 3 ICU 10/11 16-bit PPG 20 ch. CAN Interface 5 ch. External Interrupt Sound Generator LCD driver Real Time Clock Clock Output Function 2 ch. controller/ Memory Patch Unit Watchdog 88kB RAM Voltage Regulator SIN0 ... SIN9 SOT0 ... SOT9 SCK0 ... SCK9 ALARM0 ALARM1 PWM1M0 ... PWM1M5 PWM1P0 ... PWM1P5 PWM2M0 ... PWM2M5 PWM2P0 ... PWM2P5 DVDD DVSS WOT CKOT0, CKOT1 CKOTX0, CKOTX1 SGO0 SGA0 SDA0 ... SDA1 SCL0 ... SCL1 AVCC AVSS AVRH AVRL AN0 ... AN39 ADTG TIN0 ... TIN5 TOT0 ... TOT5 FRCK0 IN0 ... IN3 OUT0 ... OUT3 FRCK1 IN4 ... IN7 OUT4 ... OUT7 FRCK2 IN8, IN9 FRCK3 IN10,IN11 INT0 ... INT15 V0 ... V3 COM0 ... COM3 SEG0 ... SEG71 TX0 ... TX4 RX0 ... RX4 X0, X1 X0A, X1A RSTX AD00 ... AD15 A00 ... A23 ALE RDX WRLX, WRHX HRQ HAKX RDY CLK External Bus Interface VCC VSS C Stepper Motor Controller 6 ch. PPG0 ... PPG19 TTG0 ... TTG19 MD0...MD2 LBX, UBX CS0 ... CS5 NMI OUT8 ... OUT9 OCU 8/9 OUT10 ... OUT11 OCU 10/11 |