| Moteur de recherche de fiches techniques de composants électroniques |
|
MB96F348CSAPMC-GE2 Fiches technique(PDF) 12 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 Fiches technique(HTML) 12 Page - fujitsu semiconductor |
|
12 / 159 page ![]() MB96300 Series Preliminary Specification 12 FME/EMDC- 2007-02-12 MB96300_shortspec.fm Pin assignment of MB96(F)34x (QFP package) Remark: MB96(F)34x products are pin-compatible to F2MC-16LX family MB90340 series. 80 79 78 77 76 75 74 73 72 71 70 69 68 67 66 65 64 63 62 61 60 59 58 57 56 55 54 53 52 51 100 99 98 97 96 95 94 93 92 91 90 89 88 87 86 85 84 83 82 81 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 1 234 567 9 8 QFP - 100 Package code (mold) FPT-100P-M22 (FPT-100P-M22) P00_4/AD04/INT12/SOT8_R2) P00_5/AD05/INT13/SIN8_R2) P00_6/AD06/INT14 P00_7/AD07/INT15 P01_0/AD08/CKOT1/TIN1 P01_1/AD09/CKOTX1/TOT1 P01_2/AD10/INT11_R/SIN3 P01_3/AD11/SOT3 P01_4/AD12/SCK3 P01_5/AD13/INT7_R/SIN2_R P01_6/AD14/SOT2_R P01_7/AD15/SCK2_R P02_0/A16/PPG12 P02_1/A17/PPG13 P02_2/A18/PPG14 P02_3/A19/PPG15 Vcc Vss X1 X0 P07_5/AN21/INT5/SCK9_R2) P07_4/AN20/INT4 P07_3/AN19/INT3 P07_2/AN18/INT2 P07_1/AN17/INT1 P07_0/AN16/INT0/NMI Vss P06_7/AN7/PPG7 P06_6/AN6/PPG6 P06_5/AN5/PPG5 P06_4/AN4/PPG4 P06_3/AN3/PPG3 P06_2/AN2/PPG2 P06_1/AN1/PPG1 P06_0/AN0/PPG0 AVss AVRL AVRH AVcc P05_7/AN15/INT5_R Devices with suffix W: X0A/X1A Devices with suffix S: P04_0, P04_1 1) 2) SIN7_R, SOT7_R, SCK7_R, SIN8_R, SOT8_R, SCK8_R, SIN9_R, SOT9_R, SCK9_R only available on MB96F348R/Y |