| Moteur de recherche de fiches techniques de composants électroniques |
|
MB96F348CSAPMC-GE2 Fiches technique(PDF) 19 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 Fiches technique(HTML) 19 Page - fujitsu semiconductor |
|
19 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 19 34 79 81 28 P00_4 H General purpose I/O AD04 External bus interface (non- multiplexed mode) data line External bus interface (multiplexed mode) address/ data line INT12 External interrupt request input pin for INT12 SOT8_R Relocated USART 8 serial data output (not available on MB96F348H/T) PPG8_R Relocated Programmable Pulse Generator outputs 35 80 82 29 P00_5 H General purpose I/O AD05 External bus interface (non- multiplexed mode) data line External bus interface (multiplexed mode) address/ data line INT13 External interrupt request input pin for INT13 SCK8_R Relocated USART8 serial clock I/O (not available on MB96F348H/T) PPG9_R Relocated Programmable Pulse Generator outputs PIN DESCRIPTION FOR MB96(F)32x, MB96(F)34x, MB96(F)35x, MB96(F)36x Pin no. Pin name Circuit type Function MB9632 x MB9634x MB9635 x MB9636 x LQFP80*5 LQFP100*2 QFP100*1 LQFP64*3 LQFP48*4 |