| Moteur de recherche de fiches techniques de composants électroniques |
|
MB96F348CSAPMC-GE2 Fiches technique(PDF) 107 Page - fujitsu semiconductor |
|
|
|||||||||||||||||||||||||||||
MB96F348CSAPMC-GE2 Fiches technique(HTML) 107 Page - fujitsu semiconductor |
|
107 / 159 page ![]() Preliminary Specification MB96300 FME/EMDC- 2007-02-12 MB96300_shortspec.fm 107 0008A0H CAN 1 - Interrupt Pending Register INTPND1L1 INTPND11 R 0008A1H CAN 1 - Interrupt Pending Register INTPND1H1 R 0008A2H CAN 1 - Interrupt Pending Register INTPND2L1 INTPND21 R 0008A3H CAN 1 - Interrupt Pending Register INTPND2H1 R 0008B0H CAN 1 - Message Valid Register MSGVAL1L1 MSGVAL11 R 0008B1H CAN 1 - Message Valid Register MSGVAL1H1 R 0008B2H CAN 1 - Message Valid Register MSGVAL2L1 MSGVAL21 R 0008B3H CAN 1 - Message Valid Register MSGVAL2H1 R 0008CEH CAN 1 - Output enable register COER1 RW 000900H CAN 2 - Control register CTRLRL2 CTRLR2 RW 000901H CAN 2 - Control register (reserved) CTRLRH2 R 000902H CAN 2 - Status register STATRL2 STATR2 RW 000903H CAN 2 - Status register (reserved) STATRH2 R 000904H CAN 2 - Error Counter (Transmit) ERRCNTL2 ERRCNT2 R 000905H CAN 2 - Error Counter (Receive) ERRCNTH2 R 000906H CAN 2 - Bit Timing Register BTRL2 BTR2 RW 000907H CAN 2 - Bit Timing Register BTRH2 RW 000908H CAN 2 - Interrupt Register INTRL2 INTR2 R 000909H CAN 2 - Interrupt Register INTRH2 R 00090AH CAN 2 - Test Register TESTRL2 TESTR2 RW 00090BH CAN 2 - Test Register (reserved) TESTRH2 R 00090CH CAN 2 - BRP Extension register BRPERL2 BRPER2 RW 00090DH CAN 2 - BRP Extension register (reserved) BRPERH2 R 000910H CAN 2 - IF1 Command request register IF1CREQL2 IF1CREQ2 RW 000911H CAN 2 - IF1 Command request register IF1CREQH2 RW 000912H CAN 2 - IF1 Command Mask register IF1CMSKL2 IF1CMSK2 RW 000913H CAN 2 - IF1 Command Mask register (reserved) IF1CMSKH2 R 000914H CAN 2 - IF1 Mask Register IF1MSK1L2 IF1MSK12 RW Table 0-1 I/O map (45 / 53) Address Register Abbreviation 8-bit access Abbreviation 16-bit access Access |