Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MB96F348CSAPMC-GE2 Fiches technique(PDF) 102 Page - fujitsu semiconductor

No de pièce MB96F348CSAPMC-GE2
Description  16-bit Proprietary Microcontroller
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FUJITSU [fujitsu semiconductor]
Site Internet  
Logo FUJITSU - fujitsu semiconductor

MB96F348CSAPMC-GE2 Fiches technique(HTML) 102 Page - fujitsu semiconductor

Back Button MB96F348CSAPMC-GE2 Datasheet HTML 98Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 99Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 100Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 101Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 102Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 103Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 104Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 105Page - fujitsu semiconductor MB96F348CSAPMC-GE2 Datasheet HTML 106Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 159 page
background image
MB96300 Series
Preliminary Specification
102
FME/EMDC- 2007-02-12
MB96300_shortspec.fm
00070BH
CAN 0 - Test Register (reserved)
TESTRH0
R
00070CH
CAN 0 - BRP Extension register
BRPERL0
BRPER0
RW
00070DH
CAN 0 - BRP Extension register
(reserved)
BRPERH0
R
000710H
CAN 0 - IF1 Command request register
IF1CREQL0
IF1CREQ0
RW
000711H
CAN 0 - IF1 Command request register
IF1CREQH0
RW
000712H
CAN 0 - IF1 Command Mask register
IF1CMSKL0
IF1CMSK0
RW
000713H
CAN 0 - IF1 Command Mask register
(reserved)
IF1CMSKH0
R
000714H
CAN 0 - IF1 Mask Register
IF1MSK1L0
IF1MSK10
RW
000715H
CAN 0 - IF1 Mask Register
IF1MSK1H0
RW
000716H
CAN 0 - IF1 Mask Register
IF1MSK2L0
IF1MSK20
RW
000717H
CAN 0 - IF1 Mask Register
IF1MSK2H0
RW
000718H
CAN 0 - IF1 Arbitration register
IF1ARB1L0
IF1ARB10
RW
000719H
CAN 0 - IF1 Arbitration register
IF1ARB1H0
RW
00071AH
CAN 0 - IF1 Arbitration register
IF1ARB2L0
IF1ARB20
RW
00071BH
CAN 0 - IF1 Arbitration register
IF1ARB2H0
RW
00071CH
CAN 0 - IF1 Message Control Register
IF1MCTRL0
IF1MCTR0
RW
00071DH
CAN 0 - IF1 Message Control Register
IF1MCTRH0
RW
00071EH
CAN 0 - IF1 Data A1
IF1DTA1L0
IF1DTA10
RW
00071FH
CAN 0 - IF1 Data A1
IF1DTA1H0
RW
000720H
CAN 0 - IF1 Data A2
IF1DTA2L0
IF1DTA20
RW
000721H
CAN 0 - IF1 Data A2
IF1DTA2H0
RW
000722H
CAN 0 - IF1 Data B1
IF1DTB1L0
IF1DTB10
RW
000723H
CAN 0 - IF1 Data B1
IF1DTB1H0
RW
000724H
CAN 0 - IF1 Data B2
IF1DTB2L0
IF1DTB20
RW
000725H
CAN 0 - IF1 Data B2
IF1DTB2H0
RW
000740H
CAN 0 - IF2 Command request register
IF2CREQL0
IF2CREQ0
RW
000741H
CAN 0 - IF2 Command request register
IF2CREQH0
RW
000742H
CAN 0 - IF2 Command Mask register
IF2CMSKL0
IF2CMSK0
RW
Table 0-1 I/O map (40 / 53)
Address
Register
Abbreviation
8-bit access
Abbreviation
16-bit access
Access



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More