Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE2401 Fiches technique(PDF) 33 Page - STMicroelectronics

No de pièce STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Fiches technique(HTML) 33 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 29Page - STMicroelectronics STMPE2401 Datasheet HTML 30Page - STMicroelectronics STMPE2401 Datasheet HTML 31Page - STMicroelectronics STMPE2401 Datasheet HTML 32Page - STMicroelectronics STMPE2401 Datasheet HTML 33Page - STMicroelectronics STMPE2401 Datasheet HTML 34Page - STMicroelectronics STMPE2401 Datasheet HTML 35Page - STMicroelectronics STMPE2401 Datasheet HTML 36Page - STMicroelectronics STMPE2401 Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 55 page
background image
STMPE2401
PWM controller
33/55
11
PWM controller
The STMPE2401 PWM controller provides 3 independent PWM outputs used to generate
light effect; if the PWM outputs are not used, these pins can be used as GPIO.
Figure 8.
PWM controller
Instructions are downloaded into the memory via the I2C connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55