Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STMPE2401 Fiches technique(PDF) 18 Page - STMicroelectronics

No de pièce STMPE2401
Description  24-bit Enhanced port expander with Keypad and PWM controller Xpander logic
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STMPE2401 Fiches technique(HTML) 18 Page - STMicroelectronics

Back Button STMPE2401 Datasheet HTML 14Page - STMicroelectronics STMPE2401 Datasheet HTML 15Page - STMicroelectronics STMPE2401 Datasheet HTML 16Page - STMicroelectronics STMPE2401 Datasheet HTML 17Page - STMicroelectronics STMPE2401 Datasheet HTML 18Page - STMicroelectronics STMPE2401 Datasheet HTML 19Page - STMicroelectronics STMPE2401 Datasheet HTML 20Page - STMicroelectronics STMPE2401 Datasheet HTML 21Page - STMicroelectronics STMPE2401 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
System controller
STMPE2401
18/55
7
System controller
The system controller is the heart of the STMPE2401. It contains the registers for power
control, and the registers for chip identification.
The system registers are:
7.1
Identification register
Table 15. System controller
Address
Register_Name
0x00
Reserved (Reads 0x00)
0x01
Reserved (Reads 0x00)
0x80
CHIP_ID
0x81
VERSION_ID
0x82
Reserved (Reads 0x00)
0x02
SYSCON
Table 16. CHIP_ID
Bit
7
654
32
10
8-bit LSB of Chip ID
Read/Write(IIC)
R
R
RRR
RRR
Reset Value
0
000
00
01
Table 17. VERSION_ID
Bit
7
654
32
10
8-bit Version ID
Read/Write(IIC)
R
R
RRR
RRR
Reset Value
0
000
00
01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55